Part Number Hot Search : 
M5S28BJ 2045CT 25V18 CT240 PM3386 ML99212 HPR409 5KP26
Product Description
Full Text Search
 

To Download 2SD2178 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SD2178
Silicon NPN epitaxial planar type
For low-frequency output amplification
7.50.2
Unit: mm
4.50.2
16.01.0
Absolute Maximum Ratings Ta = 25C
Parameter Collector-base voltage (Emitter open) Collector-emitter voltage (Base open) Emitter-base voltage (Collector open) Collector current Peak collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC ICP PC Tj Tstg Rating 50 50 5 2 3 1.5 150 -55 to +150 Unit V V V A A W C C
2.50.1
* Low collector-emitter saturation voltage VCE(sat) * Large collector current IC
10.80.2
0.650.1
0.850.1 1.00.1 0.8 C
90
Features
3.80.2
0.8 C
0.70.1 0.70.1 1.150.2 1.150.2
0.50.1 0.8 C 1 2 3 2.050.2
0.40.1
2.50.2
2.50.2
1: Emitter 2: Collector 3: Base MT-3-A1 Package
Electrical Characteristics Ta = 25C 3C
Parameter Collector-base voltage (Emitter open) Collector-emitter voltage (Base open) Emitter-base voltage (Collector open) Collector-base cutoff current (Emitter open) Forward current transfer ratio Symbol VCBO VCEO VEBO ICBO hFE1 * hFE2 Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency Collector output capacitance (Common base, input open circuited) VCE(sat) VBE(sat) fT Cob Conditions IC = 10 A, IE = 0 IC = 1 mA, IB = 0 IE = 10 A, IC = 0 VCB = 20 V, IE = 0 VCE = 2 V, IC = 200 mA VCE = 2 V, IC = 1 A IC = 1 A, IB = 50 mA IC = 1 A, IB = 50 mA VCB = 10 V, IE = -50 mA, f = 200 MHz VCB = 10 V, IE = 0, f = 1 MHz 120 80 0.15 0.9 150 23 35 0.30 1.2 V V MHz pF Min 50 50 5 0.1 340 Typ Max Unit V V V A
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors. 2. *: Rank classification Rank hFE1 R 120 to 240 S 170 to 340
Publication date: May 2003
SJD00251BED
1
2SD2178
PC Ta
2.0
Without heat sink
IC VCE
Collector-emitter saturation voltage VCE(sat) (V)
120
Ta=25C
VCE(sat) IC
10
IC/IB=50
Collector power dissipation PC (W)
1.6
100
Collector current IC (mA)
IB=400A
1
Ta=75C 25C -25C
80
1.2
350A 300A
60
250A
10-1
0.8
40
200A 150A
10-2
0.4
20
100A 50A
0
0
40
80
120
160
0
0
2
4
6
8
10
12
10-3 0.01
0.1
1
10
Ambient temperature Ta (C)
Collector-emitter voltage VCE (V)
Collector current IC (A)
VBE(sat) IC
100
IC/IB=50
hFE IC
300
VCE=2V
fT I E
240
VCB=10V f=200MHz Ta=25C
Base-emitter saturation voltage VBE(sat) (V)
Forward current transfer ratio hFE
10
Ta=75C
Transition frequency fT (MHz)
250
200
200
Ta=25C
160
1
Ta=-25C 25C
150
Ta=-25C
120
75C
100
80
0.1
50
40
0.01 0.01
0.1
1
10
0 0.01
0.1
1
10
0 -1
-10
-100
Collector current IC (A)
Collector current IC (A)
Emitter current IE (mA)
Cob VCB
Collector output capacitance C (pF) (Common base, input open circuited) ob
60
IE=0 f=1MHz Ta=25C
Rth t
104
Without heat sink
Thermal resistance Rth (C/W)
50
103
40
102
30
10
20
10
1
0
1
10
100
10-1 10-4
10-3
10-2
10-1
1
10
102
103
104
Collector-base voltage VCB (V)
Time t (s)
2
SJD00251BED
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. It neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) We are not liable for the infringement of rights owned by a third party arising out of the use of the product or technologies as described in this material. (4) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (5) The products and product specifications described in this material are subject to change without notice for modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (6) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage, and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. Measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) When using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) This material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of Matsushita Electric Industrial Co., Ltd.
2002 JUL


▲Up To Search▲   

 
Price & Availability of 2SD2178

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X